Part Number Hot Search : 
BCR10 78R05F 1000B PCT1600A 13003 EDZ13B C3835G SG330
Product Description
Full Text Search
 

To Download LT10A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE ON
POWER SEMICONDUCTOR
LT10A01 thru LT10A07
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 10 Amperes
PLASTIC SILICON RECTIFIERS
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
A
R-6
B A
C D
MECHANICAL DATA
Case : JEDEC R-6 molded plastic Polarity : Color band denotes cathode Weight : 0.07 ounces, 2.1 grams Mounting position : Any
Dim. A B Min. 25.4 8.60
R-6 Max. 9.10
1.20 1.30 C 8.60 9.10 D All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current
SYMBOL LT10A01 LT10A02 LT10A03 LT10A04 LT10A05 LT10A06 LT10A07 UNIT
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 10.0 600 1.0 10 100 150 10 -55 to +125 -55 to +150
600 420 600
800 560 800
1000 700 1000
V V V A
@TA=50 C
Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load (JEDEC Method) Maximum forward Voltage at 10A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
IFSM VF IR CJ
R0JA
A V uA pF C/W
@TJ=25 C @TJ=100 C
TJ TSTG
C C
REV. 1, 24-May-2000
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Thermal Resistance Junction to Ambient.
RATING AND CHARACTERISTIC CURVES LT10A01 thru LT10A07
LITE ON
AVERAGE FORWARD CURRENT AMPERES
12.0 10.0 8.0 6.0 4.0 2.0 0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
800
600
400
200
Pulse width 8.3ms Single Half-Sine-Wave (JEDEC METHOD)
25
0 1 2 5 10 20 50 100
50
75
100
125
150
175
AMBIENT TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
1000
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
CAPACITANCE , (pF)
100
10
TJ = 25 C
10
1.0
TJ = 25 C, f= 1MHz
1 1 4 10 100
PULSE WIDTH 300us
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
REV. 1, 24-May-2000


▲Up To Search▲   

 
Price & Availability of LT10A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X